Part Number Hot Search : 
ADVANCED SYSTEM BL151G ADVANCED AMPHENOL AD1584A Z5SMC130 AOD454
Product Description
Full Text Search
 

To Download ILD32-X009 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 83650 for technical questi ons, contact: optocoupler.answers@vishay.com www.vishay.com rev. 1.6, 10-dec-08 483 optocoupler, photodarlington output, high gain (dual, quad channel) ild32, ilq32 vishay semiconductors description the ild32, ilq32 are optical ly coupled isolators with a gallium arsenide infrared led and a silicon photodarlington sensor. switching can be achieved while maintaining a high degree of isolation between driving and load circuits. these optocouplers can be used to replace reed and mercury relays with advantag es of long life, high speed switching and elimination of magnetic fields. features ? isolation test voltage, 5300 v rms ? high isolation resistance, 10 11 typical ? low coupling capacitance ? standard plastic dip package ? lead (pb)-free component ? component in accordance to rohs 2002/95/ec and weee 2002/96/ec agency approvals ? ul1577, file no. e52744 system code h or j, double protection ? din en 60747-5-5 (vde 0884) available with option 1 ? bsi iec 60950; iec 60065 note for additional information on the availabl e options refer to option information. i179017 8 7 6 5 e c c e a c c a 1 2 3 4 e c c e e c c e a c c a a c c a 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 order information part remarks ild32 ctr > 500 %, dip-8 ilq32 ctr > 500 %, dip-16 ild32-x006 ctr > 500 %, dip-8 400 mil (option 6) ild32-x007 ctr > 500 %, smd-8 (option 7) ILD32-X009 ctr > 500 %, smd-8 (option 9) ilq32-x007 ctr > 500 %, smd-8 (option 7) ilq32-x009 ctr > 500 %, smd-8 (option 9) absolute maximum ratings (1) parameter test condition part symbol value unit input peak reverse voltage v r 3. v forward continuous current i f 60 ma power dissipation p diss 100 mw derate linearly from 25c 1.33 mw/c output collector emitter breakdown voltage bv ceo 30 v collector (load) current i c 125 ma power dissipation p diss 150 mw derate linearly from 25c 2mw/c
www.vishay.com for technical questions, contact: optocoupler.answers@vishay.com document number: 83650 484 rev. 1.6, 10-dec-08 ild32, ilq32 vishay semiconductors optocoupler, photodarlington output, high gain (dual, quad channel) notes (1) t amb = 25 c, unless otherwise specified stresses in excess of the absolute maximum ratings can cause per manent damage to the device. functional operation of the device is not implied at these or any other c onditions in excess of t hose given in the operational sections of this document. exposure to abs olute maximum ratings for extended periods of the time can adversely affect reliability. note t amb = 25 c, unless otherwise specified minimum and maximum values are testing requi rements. typical values ar e characteristics of the device and are the result of eng ineering evaluation. typical values are for information only and are not part of the testing requirements. coupler isolation test voltage between emitter and detector t = 1.0 s v iso 5300 v rms creepage distance 7mm clearance distance 7mm comparative tracking index per din iec 112/vde 0303, part 1 cti 175 isolation resistance v io = 500 v, t amb = 25 c r io 10 12 v io = 500 v, t amb = 100 c r io 10 11 total dissipation ild32 p tot 400 mw ilq32 p tot 500 mw derate linearly from 25 c ild32 5.33 mw/c ilq32 6.67 mw/c storage temperature t stg - 55 to + 150 c operating temperature t amb - 55 to + 100 c lead soldering time at 260 c 10 s absolute maximum ratings (1) parameter test condition part symbol value unit electrical characteristics parameter test condition symbol min. typ. max. unit input forward voltage i f = 10 ma v f 1.25 1.5 v reverse current v r = 3 v i r 0.1 100 pf capacitance v r = 0 v c o 25 pf output collector emitter breakdown voltage i c = 100 a, i f = 0 a bv ceo 30 v breakdown voltage emitter collector i e = 100 a bc eco 510 v collector emitter leakage current v ce = 10 v, i f = 0 a i ceo 1 100 na coupler collector emitter i c = 2 ma, i f = 8 ma v cesat 1.0 v capacitance (input to output) c io 0.5 pf current transfer ratio parameter test condition symbol min. typ. max. unit current transfer ratio i f = 10 ma, v ce = 10 v ctr 500 %
document number: 83650 for technical questi ons, contact: optocoupler.answers@vishay.com www.vishay.com rev. 1.6, 10-dec-08 485 ild32, ilq32 optocoupler, photodarlington output, high gain (dual, quad channel) vishay semiconductors note as per iec 60747-5-2, 7.4.3.8.1, this opt ocoupler is suitable for "saf e electrical insulation" onl y within the safety ratings . compliance with the safety ratings shall be ensured by means of protective circuits. typical characteristics t amb = 25 c, unless otherwise specified fig. 1 - forward voltage vs. forward current fig. 2 - normalized non-saturated and saturated ctr ce vs. led current switching characteristics parameter test condition symbol min. typ. max. unit turn-on time v cc = 10 v, i f = 5 ma, r l = 100 t on 15 s turn-off time v cc = 10 v, i f = 5 ma, r l = 100 t off 30 s safety and insulation ratings parameter test condition symbol min. typ. max. unit climatic classification (according to iec 68 part 1) 55/100/21 comparative tracking index cti 175 399 v iotm 10 000 v v iorm 890 v p so 400 mw i si 275 ma t si 175 c creepage distance standard dip-8 7 mm clearance distance standard dip-8 7 mm creepage distance 400 mil dip-8 8 mm clearance distance 400 mil dip-8 8 mm insulation thickness, reinforced rated per iec 60950 2.10.5.1 0.4 mm iild32_01 i f - for w ard c u rrent (ma) 100 10 1 0.1 0.7 0. 8 0.9 1.0 1.1 1.2 1. 3 1.4 v f - f or w ard v oltage ( v ) t a =- 55 c t a = 25 c t a = 8 5 c iild32_02 0.1 1 100 1000 0.0 0.2 0.4 0.6 0. 8 1.0 1.2 i f - l ed c u rrent (ma) n ctr ce - n ormalized ctr t a = 25 c n ormalized to: v ce = 10 v i f = 10 ma v ce = 10 v v ce = 1 v 10
www.vishay.com for technical questions, contact: optocoupler.answers@vishay.com document number: 83650 486 rev. 1.6, 10-dec-08 ild32, ilq32 vishay semiconductors optocoupler, photodarlington output, high gain (dual, quad channel) fig. 3 - normalized non-saturated and saturated collector emitter current vs. led current fig. 4 - low to high propagation delay vs. collector load resistance and led current fig. 5 - high to low propagation delay vs. collector load resistance and led current fig. 6 - switching timing fig. 7 - switching schematic iild32_03 100 1 0.1 0.001 0.01 0.1 1 10 v ce = 1 v v ce = 10 v i f - led c u rrent (ma) n i ce - n ormalized i ce t a = 25 c i f = 10 ma v ce = 10 v n ormalized to: 7 iild32_04 0 5 10 15 20 0 20 40 60 8 0 t a = 25 c, v = 10 v cc v th = 1.5 v 220 470 i f - led c u rrent (ma) 100 1k t plh - lo w /high propagation delay ( s) iild32_05 0 5 10 15 20 0 5 10 15 20 100 1k i f - led c u rrent (ma) t a =25 c v cc =10 v v th =1.5 v t phl - high/lo w propagation delay ( s ) iild32_06 i f t r v o t d t s t f t ph l t plh v = 1.5 v th iild32_07 v o r l v cc = 10 v i f = 5 ma f = 10 khz df = 50 %
document number: 83650 for technical questi ons, contact: optocoupler.answers@vishay.com www.vishay.com rev. 1.6, 10-dec-08 487 ild32, ilq32 optocoupler, photodarlington output, high gain (dual, quad channel) vishay semiconductors package dimensions in inches (millimeters) i17 8 006 pin one id 0.255 (6.4 8 ) 0.26 8 (6. 8 1) 0.379 (9.63) 0.390 (9.91) 0.030 (0.76) 0.045 (1.14) 4 typ. 0.100 (2.54) typ. 10 3 to 9 0.300 (7.62) typ. 0.01 8 (0.46) 0.022 (0.56) 0.00 8 (0.20) 0.012 (0.30) 0.110 (2.79) 0.130 (3.30) 0.130 (3.30) 0.150 (3. 8 1) 0.020 (0.51) 0.035 (0. 8 9) 0.230 (5. 8 4) 0.250 (6.35) 4 3 2 1 0.031 (0.79) 0.050 (1.27) 5 6 7 8 iso method a 0.255 (6.4 8 ) 0.265 (6. 8 1) 0.779 (19.77) 0.790 (20.07) 0.030 (0.76) 0.045 (1.14) 4 0.100 (2.54) typ. 10 typ. 3 to 9 0.01 8 (0.46) 0.022 (0.56) 0.00 8 (0.20) 0.012 (0.30) 0.110 (2.79) 0.130 (3.30) pin one id 0.130 (3.30) 0.150 (3. 8 1) 0.020 (0.51) 0.035 (0. 8 9) 8 7 6 5 4 3 2 1 9 10 11 12 13 14 15 16 0.031 (0.79) 0.300 (7.62) typ. 0.230 (5. 8 4) 0.250 (6.35) 0.050 (1.27) i17 8 007 iso method a
www.vishay.com for technical questions, contact: optocoupler.answers@vishay.com document number: 83650 488 rev. 1.6, 10-dec-08 ild32, ilq32 vishay semiconductors optocoupler, photodarlington output, high gain (dual, quad channel) min. 0.315 ( 8 .00) 0.020 (0.51 ) 0.040 (1.02 ) 0.300 (7.62) ref. 0.375 (9.53) 0.395 (10.03 ) 0.012 (0.30 ) typ. 0.0040 (0.102) 0.009 8 (0.249) 15 max. option 9 0.014 (0.35) 0.010 (0.25) 0.400 (10.16) 0.430 (10.92) 0.307 (7. 8 ) 0.291 (7.4) 0.407 (10.36) 0.391 (9.96) option 6 0.315 ( 8 .0) min. 0.300 (7.62) typ. 0.1 8 0 (4.6) 0.160 (4.1) 0.331 ( 8 .4) min. 0.406 (10.3) max. 0.02 8 (0.7) option 7 1 8 450
document number: 83650 for technical questi ons, contact: optocoupler.answers@vishay.com www.vishay.com rev. 1.6, 10-dec-08 489 ild32, ilq32 optocoupler, photodarlington output, high gain (dual, quad channel) vishay semiconductors ozone depleting substa nces policy statement it is the policy of vishay semiconductor gmbh to 1. meet all present and future national and international statutory requirements. 2. regularly and continuously improve t he performance of our products, processes, distribution and o perating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. it is particular concern to control or eliminate releases of those substances in to the atmosphere whic h are known as ozone depleting substances (odss). the montreal protocol (1987) a nd its london amendments (1990) intend to severely restrict the use of odss and forbid their use within the next ten years. vari ous national and international initiatives are pressing for an earlier ban on these substances. vishay semiconductor gmbh has been able to use its policy of co ntinuous improvements to elim inate the use of odss listed in the following documents. 1. annex a, b and list of transitional substances of the montreal protocol and the london amendments respectively. 2. class i and ii ozone depleting substances in the clean air ac t amendments of 1990 by the environmental protection agency (epa) in the usa. 3. council decision 88/540/eec and 91/690/eec annex a, b and c (transitional substances) respectively. vishay semiconductor gmbh can certify t hat our semiconductors are not manufactured with ozone dep leting substances and do not contain such substances. we reserve the right to make changes to improve technical design and may do so without further notice. parameters can vary in different applications. all operating para meters must be validated for each customer application by the customer. should the buyer use vishay semiconductors products for any unintended or unauthorized application, the buyer shall indemnify vishay semiconductors against all claims, costs, dam ages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death as sociated with such unint ended or unauthorized use. vishay semiconductor gmbh, p.o.b. 3535, d-74025 heilbronn, germany
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of ILD32-X009

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X